PART |
Description |
Maker |
CY3732VP352200AXC CY3764VP352200AXC CY37128VP35220 |
5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQFP44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PQFP208 EE PLD, 7.5 ns, PQFP208 PLASTIC, QFP-208 EE PLD, 15 ns, PQFP100 PLASTIC, TQFP-100 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQFP208 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PBGA256 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 15 ns, PBGA352 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 20 ns, PBGA352
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
M4A3-128/64-55YC M4-32/32-10VI48 M4-64/32-18VI48 M |
EE PLD, 5.5 ns, PQFP100 EE PLD, 10 ns, PQFP48 EE PLD, 18 ns, PQFP48 EE PLD, 14 ns, PQFP48 EE PLD, 10 ns, PQCC84 EE PLD, 10 ns, PQFP208
|
VANTIS CORP
|
EPF10K30AQI240 |
LOADABLE PLD, PQFP240 PLASTIC, QFP-240
|
Altera International Limited
|
CY37512P208-154NC |
EE PLD, 7.5 ns, PQFP208 PLASTIC, QFP-208
|
Cypress Semiconductor, Corp.
|
GAL18V10-20LPB GAL18V10-20LD/883C GAL18V10-20LJIB |
EE PLD, 20 ns, PDIP20 SKINNY, PLASTIC, DIP-20 EE PLD, 20 ns, CDIP20 0.300 INCH, SKINNY, CERDIP-20 EE PLD, 20 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 15 ns, PQCC28 EE PLD, 15 ns, PDIP24
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
GAL20XV10B-20LP GAL20XV10B-20LJ GAL20XV10B-10LJ GA |
High-Speed E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PDIP24 Fuses, 3A 125V F MICRO BULK EE PLD, 20 ns, PQCC28
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
39K50 39K100 39K200 39K30 39K165 CY3930V484-125MBI |
SPEAKER ALNICO 8OHM .5W 57MM SQR CAP CER .10UF 50V X7R 0805 FLEX RES 40K-OHM 5% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM UNMARKED CAP 100PF 50V 10% SLC SMD-0202 WAFFLE RF Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes PCB COPPER CLAD POS 4.5X72 SIDE TVS 14V 0.1J 32V-CV SMD-0603 SN100 TR-7-PL TVS 18V 0.1J 42V-CV SMD-0603 SN/PB TR-7-PL Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Blue; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Red; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes PCB COPPER CLAD 6 X 62 SIDE PCB COPPER CLAD POS 6 X 92 SIDE PCB COPPER CLAD 4 X 6 2 SIDE PCB COPPER CLAD 6 X 92 SIDE CUTTERS, SIDE FULL FLUSHCUTTERS, SIDE FULL FLUSH; Capacity, cutting copper wire:1mm; Length:120mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Head type:Tapered; Length, jaw:9mm WIRE STRIPPER, 0.40MMWIRE STRIPPER, 0.40MM; Stripping Capacity:0.4mm Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:No RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:60m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular CRYSTAL, HC-49, 12MHZ; Frequency, output:12000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:HC49U-S; Series:HC49SFWB; Temperature stabilty: /-50ppm; RoHS Compliant: Yes CPLDs at FPGA Densities CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 8.5 ns, PBGA676 20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor CPLD器件在FPGA的密 RES CURRENT SENSE .01 OHM 5W 1% CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA388 PLIERS, SNIPE NOSE SERR JAW 125MMPLIERS, SNIPE NOSE SERR JAW 125MM; Jaw type:Snipe nose; Length:125mm; Handle type:Static Dissipative; Finish:Serrated; Length, jaw:20mm CPLD器件在FPGA的密 PLIERS, SNIPE NOSE SMOOTH JAW 135MMPLIERS, SNIPE NOSE SMOOTH JAW 135MM; Jaw type:Snipe nose; Length:135mm; Handle type:ESD; Finish:Smooth; Length, jaw:22mm CPLD器件在FPGA的密 CDS EU 5 F ST 9.0 CPLD器件在FPGA的密 PLIERS, CIRCLIP ADJUSTABLEPLIERS, CIRCLIP ADJUSTABLE; Handle type:Soft grip CPLD器件在FPGA的密 CUTTERS, DIAGONAL 180MMCUTTERS, DIAGONAL 180MM; Capacity, cutting copper wire:4mm; Length:180mm; Angle, blade:15(degree); Capacity, cutting piano wire:1.8mm; Edge Finish/Profile:Diagonal; Length, blade:25mm CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 7.5 ns, PQFP208 CUTTERS, SIDE SEMI FLUSH 180MMCUTTERS, SIDE SEMI FLUSH 180MM; Capacity, cutting copper wire:4mm; Length:180mm; Angle, blade:15(degree); Capacity, cutting piano wire:2mm; Edge Finish/Profile:Semi Flush CPLD器件在FPGA的密 PCB COPPER CLAD POS 4 X 62 SIDE CPLD器件在FPGA的密 CPLDs at FPGA DensitiesTM CPLD器件在FPGA的DensitiesTM HAND TOOL KIT, 14 PC; CPLD器件在FPGA的密 CAP,CHP,TANT 3.3UF 20% 16V EIA 3528 SIZE CPLD器件在FPGA的密 INDUCTOR 22NH 5% FIXED SMD CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA484 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PQFP208
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp. NXP Semiconductors N.V.
|
ISPLSI2032VL ISPLSI2032VL-110LB49 ISPLSI2032VL-110 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP48 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQCC44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQFP44
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
|